Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP CSLNM1.F1-8N7P-A-AM Datasheet (PDF) - ams-OSRAM AG

KP CSLNM1.F1-8N7P-A-AM Datasheet PDF - ams-OSRAM AG
Part # KP CSLNM1.F1-8N7P-A-AM
Download  KP CSLNM1.F1-8N7P-A-AM Download
File Size   2117.59 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR® Projection Compact

KP CSLNM1.F1-8N7P-A-AM Datasheet (PDF)

Go To PDF Page Download Datasheet
KP CSLNM1.F1-8N7P-A-AM Datasheet PDF - ams-OSRAM AG

Part # KP CSLNM1.F1-8N7P-A-AM
Download  KP CSLNM1.F1-8N7P-A-AM Click to download

File Size   2117.59 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR® Projection Compact

KP CSLNM1.F1-8N7P-A-AM Datasheet (HTML) - ams-OSRAM AG


KP CSLNM1.F1-8N7P-A-AM Product details

Applications
- Projection
Features
- Package: white molded SMD ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.322, Cy = 0.639 acc. to CIE 1931 (● pure green)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KP CSLNM1.F1-8N7P-A-AM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KP CSLNM1.F1-8N7P-A AMSOSRAM-KP CSLNM1.F1-8N7P-A Datasheet
2Mb / 26P
OSRAM OSTAR® Projection Compact
Version 1.12 2022-04-14
More results


Similar Description - KP CSLNM1.F1-8N7P-A-AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
LEAQ9WN OSRAM-LEAQ9WN_17 Datasheet
722Kb / 22P
OSRAM OSTAR Projection Compact
LERQ8WP OSRAM-LERQ8WP Datasheet
860Kb / 23P
OSRAM OSTAR Projection Compact
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com